Part Number Hot Search : 
FT500 GB504 28F016S MJ16016 T6L58 20N60B FCT16 1N5309
Product Description
Full Text Search
 

To Download 71979-1104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0719791104 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? receptacle, surface mount, dual row, right angle, 8 circuits, with peg, lead free documents: 3d model product specification ps-71973-9999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 71979 application board-to-board overview cgrid__sl_products product name c-grid? physical circuits (loaded) 8 glow-wire compliant no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 75 plating min: termination (m) 1.90 polarized to pcb no stackable yes temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 1a, 2a, 3a voltage - maximum 500v ac solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 material info old part number a719791104 reference - drawing numbers product specification ps-71973-9999 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71979 series mates with 87911 header
sales drawing sda-71979-**** this document was generated on 05/31/2010 please check www.molex.com for latest part information













▲Up To Search▲   

 
Price & Availability of 71979-1104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X